PART |
Description |
Maker |
AXB030X43-SR AXB050X43-SR AXB030X43-SRZ AXB050X43- |
18/20 - 30Vdc input; 3.0 - 6.0Vdc & 5.0 - 15.0Vdc Output; 30& 50W
|
Lineage Power Corporation
|
GAQW2V040TST GAQW2V040 GAQW2V040EET GAQW2V040EMT G |
48V Input, 2.0VDC, 40A Output
|
GALAXY[Galaxy Power, Inc.]
|
QW020A0G71-H QW015A0F-H |
36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
|
Lineage Power Corporation
|
NSR060A0X43-49Z NSR060A0X543-37Z NSR060A0X43Z |
5 - 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 60A output current
|
Lineage Power Corporation
|
NSR040A0X43Z |
5 - 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 40A output current
|
http://
|
EBVW020A0B641Z EBVW020A0B941Z EBVW020A0B841Z EBVW0 |
36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
|
Lineage Power Corporati...
|
OD1238-60HB |
DC Fan - 60VDC 120x38mm (4.7”x 1.5?
|
ORION FANS
|
SP2/6125TD4A |
TIME DELAY BLOW ELECTRIC FUSE, 4A, 125VAC, 60VDC, 50A (IR), SURFACE MOUNT
|
Cooper Bussmann, Inc.
|
OMR-109H.000 |
DRY REED RELAY, SPST, MOMENTARY, 0.013A (COIL), 9VDC (COIL), 280mW (COIL), 0.5A (CONTACT), 60VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
IRC Advanced Film
|
42900 42901 42910 042901080300 042901533200 042900 |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.062A (COIL), 6VDC (COIL), 420mW (COIL), 10A (CONTACT), 250VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.007A (COIL), 60VDC (COIL), 420mW (COIL), 10A (CONTACT), 250VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.023A (COIL), 18VDC (COIL), 420mW (COIL), 16A (CONTACT), 250VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.012A (COIL), 36VDC (COIL), 420mW (COIL), 16A (CONTACT), 250VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.007A (COIL), 60VDC (COIL), 420mW (COIL), 16A (CONTACT), 250VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.02A (COIL), 24VDC (COIL), 480mW (COIL), 16A (CONTACT), 250VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT Power PCB Relay
|
Tyco Electronics
|
|